Part Number Hot Search : 
UNR2123 SK170 2N6542 02F20 0CTQ1 E2505H41 BZX84C4 EP110
Product Description
Full Text Search
 

To Download 2SK1880S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Silicon N-Channel MOSFET 2SK1880S
IC MOSFET
Features
Low on-resistance High speed switching No secondary breakdown
+0.2 9.70-0.2
+0.15 6.50-0.15 +0.2 5.30-0.2
TO-252
+0.15 1.50-0.15
+0.1 2.30-0.1 +0.8 0.50-0.7
Unit: mm
+0.1 0.80-0.1
+0.15 0.50-0.15
0.127 max
+0.28 1.50-0.1
+0.25 2.65-0.1
+0.15 5.55-0.15
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
1 Gate 2 Drain 3 Source
Absolute Maximum Ratings Ta = 25
Parameter Drain to source voltage Gate to source voltage Drain current Power dissipation Channel temperature Storage temperature Symbol VDSS VGSS ID PD Tch Tstg Rating 600 30 1.5 20 150 -55 to +150 Unit V V A W
Electrical Characteristics Ta = 25
Parameter Drain source breakdown voltage Gate to source breadown voltage Drain cut-off current Gate leakage current Forward transfer admittance Drain to source on-state resistance Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Symbol VDSS VGSS IDSS IGSS Yfs Testconditons ID=10mA,VGS=0 ID= 100 A,VDS=0 Min 600 30 100 10 0.85 1.4 6.5 250 VDS=10V,VGS=0,f=1MHZ 55 8 10 ID=1A,VGS(on)=10V,RL=30 25 35 30 8.0 pF pF pF ns ns ns ns Typ Max Unit V V A A S
VDS=500V,VGS=0 VGS= 25V,VDS=0 VDS=20V,ID=1A
RDS(on) VGS=10V,ID=1A Ciss Coss Crss td(on) tr td(off) tf
3.80
Suitable for Switching regulator
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SK1880S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X